Part Number Hot Search : 
BU250 CTCDRH SMCJ58A 12H13 CS120 7208Q HFBR1524 CLL4110
Product Description
Full Text Search
 

To Download M31022AGPN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M310x Series
5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
Featuring QiK ChipTM Technology Superior Jitter Performance (comparable to SAW based) APR of 50 or 100ppm over industrial temperature range Frequencies from 150 MHz to 1.4 GHz Designed for a short 2 week cycle time Phase Lock Loop Applications: Telecommunications such as SONET / SDH / DWDM / FEC / SERDES / OC-3 thru OC-192 Wireless base stations / WLAN / Gigabit Ethernet Avionic flight controls and military communications

MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 8-16-06
M310x Series
5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
LVDS Load Circuit
Output Waveform: LVDS/CML/PECL
3.3V LVPECL Load Circuit
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 8-16-06


▲Up To Search▲   

 
Price & Availability of M31022AGPN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X